PART |
Description |
Maker |
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
ST6391B1 |
MOSFET; Transistor Polarity:Dual N Channel; Continuous Drain Current, Id:2.6A; On-Resistance, Rds(on):0.18ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 8位微控制器HCMOS电视频率合成带OSD
|
STMicroelectronics N.V.
|
SST65P542R-8-C-SG |
Remote Controller MCU MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):0.01ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No
|
Silicon Storage Technology, Inc.
|
C4505 |
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
|
VECTRON[Vectron International, Inc]
|
LTC3526BEDCTRPBF |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.7 A SWITCHING CONTROLLER, 1300 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
AIC809N31CUBG AIC809N31CUTR AIC809N31PUBG AIC809N3 |
N-CH MOSFET SO8BWL 8MOHMS AT 10V PWM OPTIMIZED - LEAD FREE VERSION 3引脚微处理器复位电路 MOSFET; Transistor Polarity:Dual N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:6.9A; On-Resistance, Rds(on):26mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:8-SOIC; Leaded Process Compatible:No 3引脚微处理器复位电路 3-PIN MICROPROCESSOR RESET CIRCUITS 3引脚微处理器复位电路 MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:12A; On-Resistance, Rds(on):0.0085ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:11A; On-Resistance, Rds(on):0.011ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 2-way ALL.CLIP, EX-LARGE IEC1010 KIT RoHS Compliant: Yes (AIC809 / AIC810) 3-PIN MICROPROCESSOR RESET CIRCUITS
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
ADSP-1010ATG/883B ADSP-1010BSG/883B ADSP-1010ASG/8 |
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C 16 Channel Buck Mode LED Driver; Package: QFN; No of Pins: 56; Temperature Range: -40°C to 125°C 36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode; Package: DFN; No of Pins: 14; Temperature Range: -40°C to 125°C Multiplier/Accumulator 乘法累加
|
Analog Devices, Inc.
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ST-A03BH |
Reflow Type (SMD)
|
Soberton Inc.
|
ST-04BL |
Reflow Type (SMD)
|
Soberton Inc.
|